Part Number Hot Search : 
DUT731K 86108A MX205QL A0614BD1 2SC3944Q 63001 1604654 93C56
Product Description
Full Text Search
 

To Download ZD5226AS2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c3 2 6s 2 - c issued date : 200 9 .0 2 . 16 revised date : 20 1 5 . 0 6 . 0 4 page no. : 1 / 6 zd5221 a s 2 series cyste k product specification 20 0mw sod - 3 23 zener voltage regulators zd 5 2 21 a s 2 thru zd5259 a s2 description the zd52 xx a s 2 series zener diodes are packaged in a sod - 3 23 surface mount package that has a power dissipation of 20 0mw. they are designed to provide voltage r egulation protection and are especially attractive in situations where space is at a premium. they are well suited for applications such as cellular phones, hand held portables, and high density pc boards. features ? v z tolerance : 2% ? standard z ener breakdown voltage range : 2.4v to 39 v ? steady state power rating of 20 0mw.. ? small body outline dimensions ? low body height : 0.0 35 inches ( 0.9 mm) max. mechanical data ? case : sod - 3 23 , molded plastic ? terminals : solderable per mil - std - 750 method 2026 ? polarity : cathode indicated by polarity band. ? flammability rating : ul94 v - 0 ? package weight : approx. 4.507 m g/unit ? mounting position : any ordering information device package shipping zd52xx a s2 - 0 - t1 - g sod - 323 ( pb - free lead plating and halogen - free pack age ) 3000 pcs / tape & reel environment friendly grade : s for rohs compliant products , g for rohs compl i ant and green compound products packing spec, t1 : 3000 pcs / tape & reel, 7 reel product rank, zero for no rank prod ucts product name
cystech electronics corp. spec. no. : c3 2 6s 2 - c issued date : 200 9 .0 2 . 16 revised date : 20 1 5 . 0 6 . 0 4 page no. : 2 / 6 zd5221 a s 2 series cyste k product specification symbol outline absolute maximum ratings (ta=25 , unless otherwise specified) ? maximum temperatures storage temperature tstg ................................ ................................ ................................ .... - 65~ +150 ? c junction temperature tj.. - 65 ~ +150 ? c ? maximum power dissipation total power dissipat ion ptot (note 1 ) ................................ ................................ ........................ 20 0 mw ? thermal resistance, junction to ambient air r ja .. 62 5 /w ? thermal resistance, junction to case r j c . ..400 /w note 1 : parts mounted on ceramic board with area of 25 mm 2. electrical characteristics (t a =25 unless otherwise noted, v f =0.9v max @i f =10ma for all types.) symbol parameter v z reverse zener voltage @ i zt i zt reverse current z zt maximum zener impedance @ i zt i zk reverse current z zk maximum zener impedance @ i zk i r reverse leakage current @ v r v r reverse voltage sod - 3 23 - +
cystech electronics corp. spec. no. : c3 2 6s 2 - c issued date : 200 9 .0 2 . 16 revised date : 20 1 5 . 0 6 . 0 4 page no. : 3 / 6 zd5221 a s 2 series cyste k product specification device mar king code zener voltage( note 2 ) maximum zener impedance maximum reverse leakage current v z (volts) @i zt z zt @ i zt z zk @i zk i r @v r min nom max ma ma a v zd 5221 a c1 2.35 2.4 2.45 20 3 0 12 00 0.25 10 0 1.0 zd 5223 a c3 2.65 2.7 2.75 20 3 0 13 00 0.25 75 1.0 zd522 5 a c5 2.94 3.0 3.06 20 30 1 6 00 0.25 50 1.0 zd 5226 a g1 3.23 3.3 3.37 20 28 1 6 00 0.25 2 5 1.0 zd522 7 a g2 3.53 3.6 3.67 20 24 17 00 0.25 1 5 1. 0 zd522 8 a g3 3.82 3.9 3.98 20 23 19 00 0.25 10 1.0 zd5229 a g4 4.21 4.3 4.39 20 22 20 00 0.25 5 1.0 zd5230 a g5 4.61 4.7 4.79 20 19 19 00 0.25 5 2.0 zd5231 a e1 5.00 5.1 5.20 20 17 160 0 0.25 5 2.0 zd5232 a e2 5.49 5.6 5.71 20 11 16 00 0.25 5 3 .0 zd5233 a e3 5 .88 6. 0 6.12 20 7 1 60 0 0.25 5 3.5 zd5234 a e4 6.08 6. 2 6.32 20 7 100 0 0.25 5 4.0 zd5235 a e5 6.66 6.8 6.94 20 5 75 0 0.25 3 5.0 zd5236 a f1 7.35 7.5 7.65 20 6 50 0 0.25 3 6 .0 zd5237 a f2 8.04 8.2 8.36 20 8 5 0 0 0.25 3 6 . 5 zd5238 a f3 8.53 8.7 8.87 20 8 60 0 0. 25 3 6.5 zd5239 a f4 8.92 9.1 9.28 20 1 0 60 0 0.25 3 7 .0 zd5240 a f5 9.80 10 10.20 20 17 60 0 0.25 3 8.0 zd5241 a h1 10.78 11 11.22 20 22 60 0 0.25 2 8. 4 zd5242 a h2 11.76 12 12.24 20 30 60 0 0.25 1 9.1 zd5243 a h3 12.74 13 13.26 9. 5 13 60 0 0.25 0.5 9.9 zd524 5 a h5 14.70 15 15.30 8. 5 16 60 0 0.25 0.1 1 1 zd5246 a j1 15.68 16 16.32 7.8 17 60 0 0.25 0.1 1 2 zd5248 a j3 17.64 1 8 18.36 7.0 21 60 0 0.25 0.1 1 4 zd5250 a j5 19.60 20 20.40 6.2 25 60 0 0.25 0.1 1 5 zd5251 a k1 21.56 22 22.44 5.6 29 60 0 0.25 0.1 1 7 zd5252 a k2 23.52 24 24.48 5. 2 33 60 0 0.25 0.1 18 zd5254 a k4 26.46 27 27.54 5.0 41 60 0 0.25 0.1 2 1 zd5255 a k5 27.44 28 28.56 4.5 44 60 0 0.25 0.1 2 1 zd5256 a m1 29.40 30 30.60 4. 2 49 60 0 0.25 0.1 2 3 zd5257 a m2 32.34 33 33.66 3.8 58 700 0.25 0.1 25 zd525 8 a m3 35.28 36 36.72 3.4 70 700 0.25 0.1 27 zd525 9 a m4 38.22 39 39.78 3.2 80 800 0.25 0.1 30 note 2: zener voltage is measured with a pulse test current i z at an ambient temperature of 25 .
cystech electronics corp. spec. no. : c3 2 6s 2 - c issued date : 200 9 .0 2 . 16 revised date : 20 1 5 . 0 6 . 0 4 page no. : 4 / 6 zd5221 a s 2 series cyste k product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c3 2 6s 2 - c issued date : 200 9 .0 2 . 16 revised date : 20 1 5 . 0 6 . 0 4 page no. : 5 / 6 zd5221 a s 2 series cyste k product specification recommended wave soldering condition product peak temperature soldering time pb - free devices 260 +0/ - 5 ? c 5 +1/ - 1 seconds recommended temperature profile for i r reflow profile feature sn - pb eutectic assembly pb - free assembly average ramp - up rate (tsmax to tp) 3 ? c /second max. 3 ? c /second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 ? c 150 ? c 60 - 120 seconds 150 ? c 200 ? c 60 - 180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 ? c 60 - 150 seconds 217 ? c 60 - 150 seconds peak temperature(t p ) 240 +0/ - 5 ? c 260 +0/ - 5 ? c time within 5 ? c of actual peak temperature(tp) 10 - 30 seconds 20 - 40 seconds ramp dow n rate 6 ? c /second max. 6 ? c /second max. time 25 ? c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of the package, measured on the package body surface.
cystech electronics corp. spec. no. : c3 2 6s 2 - c issued date : 200 9 .0 2 . 16 revised date : 20 1 5 . 0 6 . 0 4 page no. : 6 / 6 zd5221 a s 2 series cyste k product specification so d - 323 dimension *: typical dim inches millimeters dim inches millimeters min. max. min. max. min. max. min. max. a 0.0630 0.0709 1.60 1.80 e 0.0060 - 0.15 - b 0.0453 0.0531 1.15 1.35 h 0.0000 0.0040 0.00 0.10 c 0.0315 0.0394 0.80 1.00 j 0.0035 0.0070 0.089 0.177 d 0.0098 0.0157 0.25 0.40 k 0.0906 0.1063 2.30 2.70 notes: 1. controlling dimension : millimeters. 2 . lead thickness specified per l/f drawing with solder plating. 3.if there is any question with packing specification or packing method, please contact your local cyste k sales office. material : ? ? mold compound: epoxy resin family, flammability solid burning class: ul94v - 0 . important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cyste k . ? cyste k reserves the right to make changes to its products without notice. ? cyste k semiconductor products are not warranted to be suitable for use in life - support applications, or systems. ? cyste k assumes no liability for any consequence of customer prod uct design, infringement of patents, or application assistance. style: pin 1.cathode 2.anode 2 - lead so d - 323 plastic surface mounted package cystek package code: s 2 marking: xx d a h j k c e b 1 2 5 h


▲Up To Search▲   

 
Price & Availability of ZD5226AS2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X